Part Number Hot Search : 
2SB1070 71810 M5S28BJ PTB20003 KDV804M CT19901 SR820R KTD600
Product Description
Full Text Search
 

To Download IDT74AUC16373 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74AUC16373 1.8V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
1.8V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
FEATURES: DESCRIPTION:
IDT74AUC16373
* ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * 1.8V Optimized * 0.8V to 2.7V Operating Range * Inputs/outputs tolerant up to 3.6V * Output drivers: 9mA @ 2.3V * Supports hot insertion * Available in TSSOP, TVSOP, and VFBGA packages
APPLICATIONS:
* high performance, low voltage communications systems * high performance, low voltage computing systems
This 16-bit transparent D-type latch is built using advanced CMOS technology. The device can be used as a single 16-bit latch or as two 8-bit latches. When the latch enable (LE) input is high, the Q outputs follow the data (D) inputs. When LE is taken low, the Q outputs are latched at the levels set up at the D inputs. A buffered output enable (OE) input can be used to place the eight outputs in either a normal logic state (high or low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines significantly. The OE input does not affect the internal operation of the latch. This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. To ensure the high-impedance state during power up or power down, OE should be tied to VDD through a pull-up resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
FUNCTIONAL BLOCK DIAGRAM
1OE 1LE
2OE 2LE
C1
1Q1 1D1 1D 2D1
C1
2Q1 1D
TO SEVEN OTHER CHANNELS
TO SEVEN OTHER CHANNELS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 2003 Integrated Device Technology, Inc.
FEBRUARY 2003
DSC-6169/9
IDT74AUC16373 1.8V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
PINOUT CONFIGURATION
6
1LE 1D2 1D4 1D6 1D8 2D1 2D3 2D5 2D7 2LE
5
NC
1D1
1D3
1D5
1D7
2D2
2D4
2D6
2D8
NC
4
NC
GND
VDD
GND
GND
VDD
GND
NC
3
NC
GND
VDD
GND
GND
VDD
GND
NC
2
NC
1Q1
1Q3
1Q5
1Q7
2Q2
2Q4
2Q6
2Q8
NC
1
1OE
1Q2
1Q4
1Q6
1Q8
2Q1
2Q3
2Q5
2Q7
2OE
A
B
C
D
E
VFBGA
F
G
H
J
K
NOTE: NC = No Internal Connection
56 BALL VFBGA PACKAGE LAYOUT
A 6 5 4 3 2 1
B
C
D
E
F
G
H
J
K
TOP VIEW 2
IDT74AUC16373 1.8V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM Description Terminal Voltage with Respect to GND (all input and VDD terminals) VTERM Terminal Voltage with Respect to GND (any I/O or Output terminals in highimpedance or power-off state) TSTG IOUT IIK IOK IDD ISS Storage Temperature Continuous DC Output Current Continuous Clamp Current, VI < 0, or VI > VDD Continuous Clamp Current, VO < 0 Continuous Current through each VDD or GND -50 100 mA mA -65 to +150 20 50 C mA mA -0.5 to +3.6 V Max -0.5 to +3.6 Unit V
1OE 1Q1 1Q2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
1LE 1D1 1D2
GND
1Q3 1Q4
GND
1D3 1D4
VDD
1Q5 1Q6
VDD
1D5 1D6
GND
1Q7 1Q8 2Q1 2Q2
GND
1D7 1D8 2D1 2D2
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
GND
2Q3 2Q4
GND
2D3 2D4
CAPACITANCE (TA = +25C, f = 1.0MHz, VDD = 2.5V)
Symbol CIN
(1)
Parameter Input Capacitance Output Capacitance Input Port Capacitance
Conditions VIN = 0V VOUT = 0V VIN = 0V
Typ. 3 5.5 3
Max. 4 6.5 4
Unit pF pF pF
VDD
2Q5 2Q6
VDD
2D5 2D6
COUT(2) CI(3)
GND
2Q7 2Q8 2OE
NOTES: 1. Applies to Control Inputs. 2. Applies to Data Outputs. 3. Applies to Data Inputs.
GND
2D7 2D8 2LE
FUNCTION TABLE (EACH 8-BIT LATCH)(1)
Inputs Output xDx H L X X xQx H L Q(2) Z xOE L L L H xLE H H L X
TSSOP/ TVSOP TOP VIEW
PIN DESCRIPTION
Pin Names xDx xLE xQx xOE Data Inputs Latch Enable Inputs 3-State Outputs 3-State Output Enable Inputs (Active LOW) Description
NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance 2. Level of Q before the indicated steady-state conditions were established.
3
IDT74AUC16373 1.8V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
RECOMMENDED OPERATING CHARACTERISTICS(1)
Symbol VDD Parameter Supply Voltage VDD = 0.8V VDD = 1.1V to 1.3V VIH Input HIGH Voltage Level VDD = 1.4V to 1.6V VDD = 1.65V to 1.95V VDD = 2.3V to 2.7V VDD = 0.8V VDD = 1.1V to 1.3V VIL Input LOW Voltage Level VDD = 1.4V to 1.6V VDD = 1.65V to 1.95V VDD = 2.3V to 2.7V VI VO Input Voltage Output Voltage Active State 3-State VDD = 0.8V VDD = 1.1V IOH HIGH Level Output Current VDD = 1.4V VDD = 1.65V VDD = 2.3V VDD = 0.8V VDD = 1.1V IOL LOW Level Output Current VDD = 1.4V VDD = 1.65V VDD = 2.3V t/v TA Input Transition Rise or Fall Time Operating Free-Air Temperature Test Conditions Min. 0.8 VDD 0.65 x VDD 0.65 x VDD 0.65 x VDD 1.7 -- -- -- -- -- 0 0 0 -- -- -- -- -- -- -- -- -- -- -- -40 Max. 2.7 -- -- -- -- -- 0 0.35 x VDD 0.35 x VDD 0.35 x VDD 0.7 2.7 VDD 2.7 -0.7 -3 -5 -8 -9 0.7 3 5 8 9 20 +85 ns/V C mA mA V V V V Unit V
NOTE: 1. All unused inputs of the device must be held at VDD or GND to ensure proper operation.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE(1)
Following Conditions Apply Unless Otherwise Specified: Operating Conditions: TA = -40C to +85C
Symbol IIH IIL IOFF IOZH IOZL IDDL IDDH IDDZ
NOTE: 1. All unused inputs of the device must be held at VDD or GND to ensure proper operation.
Parameter Input HIGH or LOW Current All Inputs Input/Output Power Off Leakage High Impedance Output Current (3-State Output Pins) Quiescent Power Supply Current
Test Conditions VDD = 2.7V, VI = VDD or GND VDD = 0V, VIN or VO 2.7V VDD = 2.7V VDD = 0.8V to 2.7V VIN = GND or VDD VO = VDD VO = GND
Min. -- -- -- -- --
Typ. -- -- -- -- --
Max. 5 10 10 10 20
Unit A A A A
4
IDT74AUC16373 1.8V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
OUTPUT DRIVE CHARACTERISTICS
Symbol VOH Parameter Output HIGH Voltage Test Conditions(1) VDD = 0.8V - 2.7V IOH = -100A VDD = 0.8V IOH = -0.7mA IOH = -3mA VDD = 1.1V(2) IOH = -5mA VDD = 1.4V(3) (4) VDD = 1.65V IOH = -8mA VDD = 2.3V(5) IOH = -9mA VDD = 0.8V - 2.7V IOH = 100A VDD = 0.8V IOL = 0.7mA IOL = 3mA VDD = 1.1V(2) (3) IOL = 5mA VDD = 1.4V VDD = 1.65V(4) IOL = 8mA IOH = 9mA VDD = 2.3V(5) Min. VDD - 0.1 -- 0.8 1 1.2 1.8 -- -- -- -- -- -- Typ. -- 0.55 -- -- -- -- -- 0.25 -- -- -- -- Max. -- -- -- -- -- -- 0.2 -- 0.3 0.4 0.45 0.6 Unit
V
VOL
Output LOW Voltage
V
NOTES: 1. VIL and VIH must be within 2. Demonstrates operation for 3. Demonstrates operation for 4. Demonstrates operation for 5. Demonstrates operation for
the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS table for the appropriate VDD range. TA = -40C to +85C. nominal VDD = 1.2V. nominal VDD = 1.5V. nominal VDD = 1.8V. nominal VDD = 2.5V.
OPERATING CHARACTERISTICS, TA = 25C
Symbol CPD CPD Parameter Power Dissipation Capacitance Outputs Enabled Power Dissipation Capacitance Outputs Disabled Test Conditions CL = 0pF f = 10MHz VDD = 0.8V 21 5 VDD = 1.2V 22 5 VDD = 1.5V 23 6 VDD = 1.8V 25 7 VDD = 2.5V 29 10 Unit pF pF
SWITCHING CHARACTERISTICS(1)
VDD = 0.8V VDD = 1.2V0.1V Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tH tW Parameter Propagation Delay xDx to xQx xLE to xQx Output Enable Time xOE to xQx Output Disable Time xOE to xQx Set-up Time, Data before LE Hold Time, Data after LE Pulse Duration, LE HIGH Typ. 8 10.6 9 13 1.7 -- 4.2 Min. 1.1 1.4 1.3 2.4 0.7 1.2 2.9 Max. 3.8 4.9 4.5 7 -- -- -- VDD = 1.5V0.1V Min. 0.6 0.7 0.6 2.4 0.5 0.8 2.3 Max. 2.4 3.2 2.9 4.8 -- -- -- VDD = 1.8V0.15V Min. 0.7 0.7 0.8 1.1 0.4 0.7 2.1 Typ. 1.5 1.6 1.7 2.7 -- -- -- Max. 2.4 2.8 2.9 4.6 -- -- -- VDD = 2.5V0.2V Min. 0.6 0.6 0.7 0.4 0.4 0.6 1.7 Max. 1.9 2.1 2.2 2.5 -- -- -- Unit ns ns ns ns ns ns
NOTE: 1. See TEST CIRCUITS AND WAVEFORMS. TA = -40C to +85C.
5
IDT74AUC16373 1.8V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS(1)
Symbol VLOAD VT VLZ VHZ RL CL VDD = 0.8V 2xVDD VDD/2 100 100 2 15 VDD = 1.2V0.1V 2xVDD VDD/2 100 100 2 15 VDD = 1.5V0.1V 2xVDD VDD/2 100 100 2 15 VDD = 1.8V0.15V 2xVDD VDD/2 150 150 1 30 VDD = 2.5V0.2V 2xVDD VDD/2 150 150 0.5 30 Unit V V mV mV K pF
VDD RL Pulse Generator
(1)
VLOAD Open GND
SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH tPHL tPHL
VIN D.U.T. RT
VOUT OPPOSITE PHASE INPUT TRANSITION
VDD VT 0V VOH VT VOL VDD VT 0V
CL
RL
Propagation Delay Test Circuits for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTE: 1. Pulse Generator for All Pulses: Rate 10MHz; Slew Rate 1V/ns.
ENABLE CONTROL INPUT tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT
DISABLE
tPLZ
VDD VT 0V VLOAD/2 VOL + VLZ VOL VOH VOH - VHZ 0V
SWITCH POSITION
Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch VLOAD GND Open
tPHZ VT 0V
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Enable and Disable Times
VDD VT 0V TIMING INPUT VT 0V tSU DATA INPUT VT tH VDD VT 0V
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
VDD VT
Pulse Width
Setup and Hold Times
6
IDT74AUC16373 1.8V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX AUC Temp. Range X Bus- Hold XX Family XX XXX Device Type Package X Temp. I BV PA PF 373 16 Blank 74 Industrial Temperature Range Very Fine Pitch Ball Grid Array Thin Shrink Small Outline Package Thin Very Small Outline Package 16-Bit Transparent D-Type Latch with 3-State Outputs Double-Density No bus-hold - 40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74AUC16373

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X